Part Number Hot Search : 
A554RW MUR10 CE66P9 A222R AP1501A X935Z LB11823M AK5703
Product Description
Full Text Search
 

To Download DM21J12G205DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K DM Series Miniature 2 Pole Power Rocker Switches
Features/Benefits * 3 AMPS to 10 AMPS * Quick connect terminals * Double pole in miniature size * Recessed bracket available--prevents
accidental actuation * RoHS compliant
Models Available
Typical Applications * Computers * Appliances * Electric tools
Specifications
Materials
CONTACT RATING: DM2X Models: 3 AMPS @ 125 V AC; 2 AMPS @ HOUSING & ACTUATOR: 6/6 nylon (UL94V-2), black. 250 V AC (UL/CSA). DM6X Models: 10 AMPS @ 125 V AC; MOVABLE CONTACTS: DM2X Models: Copper, silver plated. 5 AMPS @ 250 V AC (UL/CSA). 6 AMPS @ 125 V AC, 3 AMPS @ DM6X Models: Coin silver, silver plated. 250 V AC, T85 (VDE). STATIONARY CONTACTS & TERMINALS: Copper or brass, ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. silver plated. INSULATION RESISTANCE: 109 min. CONTACT SPRING: Music wire or stainless steel. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -20C to +85C
NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for standard switches. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-71 and H-74. For additional options not shown in catalog, consult Customer Service Center.
Switch Function DM21 DPDT, On-On DM22 DPST, On-Off DM61 (STD.) DPDT, On-On DM62 (STD.) DPST, On-Off
Actuator J1 Rocker Actuator Color 2 Black 1 White
Housing Style/Color S2 Snap-in, black B2 Recessed snap-in actuator guard, black G2 Actuator guard, black Terminations 05 Quick connect Actuator Markings NONE No marking D ON-OFF H O| Contact Material P O- Q Silver
Rocker
H
H-71
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K DM Series Miniature 2 Pole Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 CONNECTED TERMINALS POS. 1 POS. 2
NO. POLES
MODEL NO.
AMP RATING* 3 ON OFF 1-1A, 2-2A OPEN DPST
1A 1
SCHEMATIC
1 2
DM22 DM62
DP
10 3 ON 10 ON 1-1A, 2-2A 1-1B, 2-2B
2A 2
DM21 DM61 DPDT
DPDT
1A
1B
2A
2B
2B
1B
Actuator shown in pos. 1 - 'ON' position. Part number shown: DM61J12S205Q * RATINGS: See page H-75 for complete ratings. All models with all options. DM6X models also
TERMINAL NUMBERS FOR REFERENCE ONLY
ACTUATOR COLOR
ACTUATOR
J1
ROCKER
ACTUATOR
OPTION CODE
ACTUATOR COLOR BLACK WHITE
2 1
NOTE: Actuator finish: matte. Other colors available, consult Customer Service Center.
HOUSING STYLE/COLOR
S2
SNAP-IN, BLACK
B2
RECESSED SNAP-IN ACTUATOR GUARD, BLACK
Rocker
NOTE: Housing finish: matte. Other colors available, consult Customer Service Center.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-72
www.ittcannon.com
C&K DM Series Miniature 2 Pole Power Rocker Switches
HOUSING STYLE/COLOR
G2
ACTUATOR GUARD, BLACK
! NEW
PANEL MOUNTING
'S2' & 'G2' housing styles
'B2' housing style
NOTE: Blank insert available for SP models only, see page H-76. PANEL THICKNESS .030-.049 (0,76) (1,24) .049-.079 (1,24) (2,01) .079-.118 (2,01) (3,00) DIM `A' `S2' & `G2' HOUSING STYLES .756 (19,20) .764 (19,41) .780 (19,81) DIM `A' DIM `A' `G2' OPTION `B2' SP MODELS ONLY HOUSING STYLES 0.764 (19,41) 0.780 (19,81) n/a 1.068 (27,13) 1.076 (27,33) 1.092 (27,74)
TERMINATIONS
05
QUICK CONNECT
ACTUATOR MARKINGS
NONE
NO MARKING
D
ON-OFF
H
OI
P
O-
ON OFF
O
I O
2B 2 2A
`D & P' marking options: marking color white, standard for all actuator colors except white actuators. Black marking color standard for white actuators. Consult Customer Service Center for other available marking colors.
CONTACT MATERIAL
OPTION CODE RoHS RoHS COMPLIANT * COMPATIBLE * YES YES CONTACT AND TERMINAL MATERIAL SILVER 1,2 RATINGS DM2X Models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA). DM6X Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA). 6 AMPS @ 125 V AC; 3 AMPS @ 250 V AC, T85 (VDE).
I
NOTE: Orientation of actuator markings and terminals.
Rocker
Q
POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 MOVABLE CONTACT: DM2X Models: Copper, silver plated. DM6X Models: Coin silver, silver plated. 2 STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated. NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options. DM6X models also
H
H-73
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K DM Series Miniature 2 Pole Power Rocker Switches
AVAILABLE HARDWARE
Insert Recessed Actuator Gaurd
PART NO.
PART NO.
057190200
Material: Nylon 6/6 Finish: Matte
057090100
Material: 6/6 Nylon Finish: Matte
Actuator Gaurd
PART NO.
104C02000
Material: PBT thermoplastic Finish: Matte
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-74
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of DM21J12G205DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X